PART |
Description |
Maker |
TCTOAL0J476 TCTOAL0J686 |
Conductive polymer chip tantalum capacitors
|
Rohm
|
10TAE68M |
Conductive Polymer Tantalum Solid Capacitors (POSCAP) TA
|
Panasonic
|
12TPG33M 8TPG47M 6TPG150M |
Conductive Polymer Tantalum Solid Capacitors (POSCAP) TPG
|
Panasonic
|
TCJC686M006R0100 |
TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
|
AVX Corporation
|
T583D107M010AHE055P000 |
Tantalum, Polymer Tantalum, Space, T583, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Aerospace, N/A, 55 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T591B107M004ATE070 |
T591, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, 70 mOhms, 3528, Height Max = 2.1mm
|
Kemet Corporation
|
T521D475M063ATE300 |
Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T528W337M2R5ATE009 |
Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.5mm
|
Kemet Corporation
|
T541D157M010AH6720 |
T541_COTS, Tantalum, Polymer Tantalum, COTS Multi-Anode, 150 uF, 20%, 10 V, SMD, Polymer, Molded, COTS, Multi-Anode, Low ESR, N/A, 6 mOhms, 7343, Height Max = 3.1mm
|
Kemet Corporation
|
|